PART |
Description |
Maker |
AD7278 |
3MSPS,12-/10-/8-Bit ADCs in 6-Lead TSOT
|
AD
|
LTC1407HMSEPBF LTC1407HMSETRPBF |
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
|
Linear Technology
|
MAX11131ATI |
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
|
Maxim Integrated Produc...
|
MAX11132 MAX11130 MAX11131 |
3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
|
Maxim Integrated Products
|
LTC2365IS6-TRMPBF LTC2365IS6-TRPBF LTC2366IS6-TRMP |
3Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C 3Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO8 1Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40° to 125°C 1-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO8 1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX11332 MAX11329 MAX11330 MAX11331 |
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
|
Maxim Integrated Products
|
LTC1412C LTC1412CG LTC1412IG 1412F LTC1412 LTC1412 |
12-Bit, 3Msps, Sampling A/D Converter From old datasheet system 12-Bit/ 3Msps/ Sampling A/D Converter
|
Linear Technology
|
HI5800_00 HI5800 HI5800BID HI5800-EV HI5800JCD HI5 |
12-Bit, 3MSPS, Sampling A/D Converter
|
INTERSIL[Intersil Corporation]
|
LTC2150CUJ-14PBF LTC2151CUJ-14TRPBF LTC2150CUJ-14T |
Single 14-Bit 170Msps ADCs Single 14-Bit 210Msps ADCs Single 14-Bit 250Msps ADCs
|
Linear Technology
|
AM27C2048-95DI AM27C2048-95LC AM27C2048-95LI AM27C |
100ksps, 12-Bit Serial ADCs in TSOT-23 Dual 14-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C x16 EPROM x16存储
|
Ironwood Electronics
|
2510A-032 2510A-031 2510A-030 2516A-030 2516A-032 |
50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages FIBER OPTIC RECEIVER 250Msps, 8-Bit ADC with Track/Hold Low-Power, 90Msps, 6-Bit ADC 10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 光纤接收 8-/4-Channel, ±12V Multirange Inputs, Serial 14-Bit ADCs 光纤接收
|
Coilcraft, Inc.
|